Part Number Hot Search : 
0ELT2 GBP3010 N74F350N 305000 226M00 ATTINY8 HCT10 P18N50
Product Description
Full Text Search
 

To Download N52050M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  duplex multimode 50/125 fiber patch cable (lc/lc), 50m (164-ft.) model number: n520-50m description tripp lite's 50-meter multimode duplex fibre channel optic lc/lc patch cable is manufactured from 50/125 zipcord fiber. the cable has lc connectors on each end. it has a pvc jacket and is fddi and ofnr rated. 50/125 duplex multimode fiber is most commonly used in fibre channel applications. it is backward compatible with 62.5 micron fiber and provides built-in headroom for future applications. the cable provides higher bandwidth optimized for gigabit and 10gbps networks as well. also available in 1, 2, 3, 5, 10, 15, 20, 25, and 30 meter lengths. enter "n520-" in the search field to bring up all lengths. for lc-sc cables, search "n516-", and for sc-sc, search "n506-". features constructed with 50/125 micron cable length - 50m use on fiber and fibre channel installations lc male to lc male connectors higher bandwidth optimized for gigabit and 10gbps networks backward compatible with 62.5 micron fiber built-in headroom for future applications number of fibers: 2 fiber type: all glass graded index core diameter: two 50+/-3 microns clad diameter: 125+/-2 microns primary coating diameter: 245+/-15 microns primary coating material: acrylate secondary coating diameter: 900+/-50 microns secondary coating material: pvc attenuation @850nm: 3.5db/km maximum, @1300nm: 1.0db/km maximum bandwidth @850nm: 220 mhz-km minimum, @1300nm: 600 mhz-km minimum numeric aperture: .275 nominal proof test level: 100,000 psi highlights premium pvc multimode patch cables attenuation loss meets or exceeds the latest industry standards higher bandwidth optimized for gigabit and 10gbps networks backward compatible with 62.5 micron fiber built-in headroom for future applications system requirements any fiber optic hardware or nic card requiring multimode duplex cable with lc/lc connectors package includes 50m duplex mmf cable lc/lc 50/125 fiber 1 / 2
proof test level: 100,000 psi insertion loss testing performed on every connector (0.2db typical) and provided with cable beveled edge on ends of glass makes insertion of plug a breeze specifications overview fiber type 50/125 - om2 cable type multimode input cable length (ft.) 164 cable length (m) 50 physical color orange communications network speed 1gbps connections connector a lc connector b lc number of connectors 2 warranty product warranty period (worldwide) lifetime limited warranty ? 2015 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 2 / 2


▲Up To Search▲   

 
Price & Availability of N52050M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X